Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-HL-7-11-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JC-HL-7-11-R
Description  Remote I/O JC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-HL-7-11-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JC-HL-7-11-R Datasheet HTML 1Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 2Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-HL-7-11-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MODEL: JC-HL
JC-HL SPECIFICATIONS
ES-9041 Rev.3 Page 2/11
https://www.m-system.co.jp/
Transmission distance / Transfer rate:
Refer to the table below (Selectable with
DIP switch. Factory default: 12 Mbps)
Terminating resistor:
Trunk built-in (Selectable with DIP switch. Factory default:
disable)
Feeder built-in
Status indicator LEDs: ERR, LNK
(Refer to the instruction manual for details)
Number of inserted HUBs
Transfer rate
0
1
2
3
4
5
6
7
12Mbps
100m 200m 300m 400m 500m 600m 700m 800m
6Mbps
200m 400m 800m
1km
1.2km 1.4km 1.6km 1.8km
3Mbps
300m 600m 900m 1.2km 1.5km 1.8km 2.1km 2.4km
INSTALLATION
Rated current for power supply connector: 8A
Power consumtpion:
JC-HL-3: Approx. 1 W
JC-HL-7: Approx. 1.4 W
Operating temperature: -10 to +55°C
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight
JC-HL-3: 150 g (0.33 lb)
JC-HL-7: 160 g (0.35 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
JC-HL-3 (HLS0A or HLS0B to HLS1 or HLS2 or FE to power)
JC-HL-7 (HLS0A or HLS0B to HLS1 or HLS2 or HLS3 or HLS4
or HLS5 or HLS6 or FE to power)
Dielectric strength: 1500 V AC @ 1 minute
JC-HL-3 (HLS0A or HLS0B to HLS1 or HLS2 or FE to power)
JC-HL-7 (HLS0A or HLS0B to HLS1 or HLS2 or HLS3 or HLS4
or HLS5 or HLS6 or FE to power)
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
MOUNTING REQUIREMENTS unit: mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com