Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-CU-3-11-R5/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JC-CU-3-11-R5/Q
Description  HUB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-CU-3-11-R5/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JC-CU-3-11-R5/Q Datasheet HTML 1Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 2Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 3Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 4Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 5Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 6Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 7Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 8Page - M-System Co.,Ltd. JC-CU-3-11-R5/Q Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: JC-CU
JC-CU SPECIFICATIONS
ES-9042 Rev.2 Page 2/9
https://www.m-system.co.jp/
Number of inserted HUBs
Transfer rate
0
1
2
12Mbps
100m
200m
300m
6Mbps
200m
400m
800m
3Mbps
300m
600m
900m
INSTALLATION
Rated current for power supply connector: 8A
Power consumtpion:
JC-CU-3: Approx. 0.9 W
JC-CU-7: Approx. 1.2 W
Operating temperature: -10 to +55°C
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight
JC-CU-3: 150 g (0.33 lb)
JC-CU-7: 160 g (0.35 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
JC-CU-3 (CU0A or CU0B to CU1 or CU2 or FE to power)
JC-CU-7 (CU0A or CU0B to CU1 or CU2 or CU3 or CU4 or CU5
or CU6 or FE to power)
Dielectric strength: 1500 V AC @ 1 minute
JC-CU-3 (CU0A or CU0B to CU1 or CU2 or FE to power)
JC-CU-7 (CU0A or CU0B to CU1 or CU2 or CU3 or CU4 or CU5
or CU6 or FE to power)
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com