Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-HL-3-12-R5/H Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JC-HL-3-12-R5/H
Description  Remote I/O JC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-HL-3-12-R5/H Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JC-HL-3-12-R5/H Datasheet HTML 1Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 2Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 3Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 4Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 5Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 6Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 7Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 8Page - M-System Co.,Ltd. JC-HL-3-12-R5/H Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MODEL: JC-HL
JC-HL SPECIFICATIONS
ES-9041 Rev.3 Page 1/11
https://www.m-system.co.jp/
Remote I/O JC Series
HUB MODULE
53
(2.09)
mm (inch)
73
(2.87)
115
(4.52)
MODEL: JC–HL-[1]-1[2]-[3][4]
ORDERING INFORMATION
• Code number: JC-HL-[1]-1[2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JC-HL-7-12-R/H/Q)
• Specify the specification for option code /Q
(e.g. /SET)
[1] I/O TYPE
3: 3 port (trunk 1 port, feeder 2 port)
7: 7 port (trunk 1 port, feeder 6 port)
TERMINAL BLOCK
1: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
[2] COMMUNICATION CONNECTOR PIN ASSIGNMENT
1: 3, 4 - 5, 6 pair wiring
(M-System HLS related products standard pin assignment)
2: 4, 5 - 3, 6 pair wiring
(Ethernet LAN cable pin assignment)
[3] POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R5: 16 - 32 V DC
(Operational voltage range 15 - 33 V DC, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Communication Mode
blank: Full-duplex
/H: Half-duplex
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9041)
FUNCTIONS & FEATURES
The HUB Module for HLS (model: JC-HL) extends total length
of network cable and branch cable of HLS (Hi-speed Link
System). Total max. length is 2.4 km when transfer rate is 3
Mbps. In order to connect the JC-HL, the master unit
configuring HLS must support HUB module.
HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.
RELATED PRODUCTS
• High-speed link system I/O modules (model: R7F4DH,
R7K4DH, R7HL, R7FN etc.)
• MP2200/MP2300 series use HLS master module (model:
MPHLS)
GENERAL SPECIFICATIONS
Number of port:
JC-HL-3: Trunk 1 port, feeder 2 port
JC-HL-7: Trunk 1 port, feeder 6 port
Max. number of inserted HUBs: 7
(Depending on specification of master unit)
Connectable devices: The products conforming to HLS
Connection
Network: RJ-45 Modular Jack
Power input: Separable tension clamp terminal
Power on LED: PWR (green) turns on while the power is
supplied.
HLS COMMUNICATION
Communication mode: Full-duplex or half-duplex
Network cable
• Shield cable
ZHY262PS (Shinko Seisen Industry Co., Ltd.)
ZHT262PS (Shinko Seisen Industry Co., Ltd.)
• Dual-shield cable
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)


Similar Part No. - JC-HL-3-12-R5/H

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JC-0109-19 JAM-JC-0109-19 Datasheet
43Kb / 1P
JB terminal JB Terminal S type S-Type
17.7.21
JC-0109-20 JAM-JC-0109-20 Datasheet
33Kb / 1P
JB terminal JB Terminal L type L-Type
02.12.17
JC-0118-18 JAM-JC-0118-18 Datasheet
36Kb / 1P
JC Terminal S-Type
JC-0118-19 JAM-JC-0118-19 Datasheet
38Kb / 1P
JC Terminal L-Type
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
Pin Contact Pin Contact
13.09.10
More results

Similar Description - JC-HL-3-12-R5/H

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAMCL-01 MSYSTEM-FAMCL-01 Datasheet
155Kb / 3P
Remote I/O FAM Series
MPHLS MSYSTEM-MPHLS Datasheet
194Kb / 5P
Remote I/O MP Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-RSA MSYSTEM-R5-RSA Datasheet
123Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com