Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5034BA Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5034BA
Description  350MHz PECL-output Oscillator ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5034BA Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5034BA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5034BA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5034BA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5034BA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5034BA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5034BA Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CF5034 series
NIPPON PRECISION CIRCUITS INC.—4
AC Characteristics
Recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Output duty cycle 1
Duty 1
Measurement cct. 3,
measured at output crossing point,
Ta = 25
°C, VCC = 3.3V
45–55
%
Output duty cycle 2
Duty 2
Measurement cct. 3,
measured at 50% output swing,
Ta = 25
°C, VCC = 3.3V
45–55
%
Output swing1
1. The said values are measured by using the NPC standard jig.
VOpp
Measurement cct. 1, Ta = TOPR, f = 350MHz,
Peak to peak of output waveform
0.4
–
–
V
Output rise time
tr
Measurement cct. 3,
20 to 80% output swing
–
0.5
1
ns
Output fall time
tf
Measurement cct. 3,
80 to 20% output swing
–
0.5
1
ns
Output enable time2
2. The built-in oscillator stop function does not operate with normal output immediately when OE goes HIGH. Instead, normal output occurs after the
oscillator startup time has elapsed.
tOE
Measurement cct. 1, Ta = 25
°C
–
–
200
ns
Output disable time2
tOD
Measurement cct. 1, Ta = 25
°C
–
–
200
ns
Timing chart
tr
tf
OUTN
OUT
80%
20%
VDD – 2V
VOH
VOL
VDD
tW
tPER
OE
VSS
VDD
VSS
tOE
tOD
VIH
VIL
DUTY =
tW/tPER 100
OE input waveform
tr = tf 10ns
VOpp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com