Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011 Datasheet(PDF) 22 Page - Microchip Technology

Part # DSPIC30F2011
Description  High-Performance Digital Signal Controllers
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011 Datasheet(HTML) 22 Page - Microchip Technology

Back Button DSPIC30F2011 Datasheet HTML 18Page - Microchip Technology DSPIC30F2011 Datasheet HTML 19Page - Microchip Technology DSPIC30F2011 Datasheet HTML 20Page - Microchip Technology DSPIC30F2011 Datasheet HTML 21Page - Microchip Technology DSPIC30F2011 Datasheet HTML 22Page - Microchip Technology DSPIC30F2011 Datasheet HTML 23Page - Microchip Technology DSPIC30F2011 Datasheet HTML 24Page - Microchip Technology DSPIC30F2011 Datasheet HTML 25Page - Microchip Technology DSPIC30F2011 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 207 page
background image
dsPIC30F2011/2012/3012/3013
DS70139C-page 20
Preliminary
© 2005 Microchip Technology Inc.
2.3
Divide Support
The dsPIC devices feature a 16/16-bit signed fractional
divide operation, as well as 32/16-bit and 16/16-bit
signed and unsigned integer divide operations, in the
form of single instruction iterative divides. The following
instructions and data sizes are supported:
1.
DIVF
- 16/16 signed fractional divide
2.
DIV.sd
- 32/16 signed divide
3.
DIV.ud
- 32/16 unsigned divide
4.
DIV.sw
- 16/16 signed divide
5.
DIV.uw
- 16/16 unsigned divide
The 16/16 divides are similar to the 32/16 (same number
of iterations), but the dividend is either zero-extended or
sign-extended during the first iteration.
The divide instructions must be executed within a
REPEAT loop. Any other form of execution (e.g., a
series of discrete divide instructions) will not function
correctly because the instruction flow depends on
RCOUNT. The divide instruction does not automatically
set up the RCOUNT value and it must, therefore, be
explicitly and correctly specified in the REPEAT instruc-
tion as shown in Table 2-1 (REPEAT will execute the tar-
get instruction {operand value+1} times). The REPEAT
loop count must be setup for 18 iterations of the DIV/
DIVF
instruction. Thus, a complete divide operation
requires 19 cycles.
TABLE 2-1:
DIVIDE INSTRUCTIONS
Note:
The divide flow is interruptible. However,
the user needs to save the context as
appropriate.
Instruction
Function
DIVF
Signed fractional divide: Wm/Wn
→ W0; Rem → W1
DIV.sd
Signed divide: (Wm+1:Wm)/Wn
→ W0; Rem → W1
DIV.sw or
DIV.s
Signed divide: Wm/Wn
→ W0; Rem → W1
DIV.ud
Unsigned divide: (Wm+1:Wm)/Wn
→ W0; Rem → W1
DIV.uw or
DIV.u
Unsigned divide: Wm/Wn
→ W0; Rem → W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com