Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5034BB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5034BB
Description  350MHz PECL-output Oscillator ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5034BB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5034BB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5034BB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5034BB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5034BB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5034BB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5034BB Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CF5034 series
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT
(Unit: µm)
PAD DESCRIPTION AND DIMENSIONS
BLOCK DIAGRAM
Chip size: 1.16
× 1.31mm
Chip thickness: 300 ± 30µm
Chip base: GND potential
Pad No.
Name
I/O
Function
Pad dimensions [µm]
XY
1
VCC
–
Supply pin
146
145
2
XIN
I
Oscillator input pin
536
145
3
XOUT
O
Oscillator output pin
809
145
4
GND
–
Ground pin
1015
145
5OE
I
Output enable pin. Outputs are high impedance when LOW (oscillator
stopped). Power-saving pull-up resistor built-in.
979
1165
6
TEST
I
IC test pin. Leave open circuit for normal operation.
839
1165
7
VCC2
–
Output buffer supply pin
690
1165
8
OUTN
O
Output pin (complementary)
449
1165
9
OUT
O
Output pin (true)
216
1165
OUTN
(0,0)
(1160,1310)
X
Y
12
3
4
98
7
6
5
OUT
VCC2
TEST
OE
VCC
XIN XOUT GND
XIN
VCC
OE
XOUT
1/2
OUT
VCC2
GND
OUTN
ECL
Rf
CXIN
CXOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com