Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5034LB Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5034LB
Description  350MHz PECL-output Oscillator ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5034LB Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5034LB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5034LB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5034LB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5034LB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5034LB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5034LB Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CF5034 series
NIPPON PRECISION CIRCUITS INC.—3
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
Input voltage range
VIN
GND
− 0.5 to VCC + 0.5
V
Output voltage range
VOUT
GND
− 0.5 to VCC + 0.5
V
Storage temperature range
TSTG
−65 to 150
°C
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Operating supply voltage
VCC
3.0
3.3
3.6
V
Input voltage
VIN
GND
–
VCC
V
Operating temperature
TOPR
−40
25
85
°C
Output load
RL
Terminated to VCC − 2V
–50–
Ω
Output frequency
fOUT
40
–
350
MHz
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Current consumption 1
IEE1
Measurement cct. 1, OE = open
–
55
88
mA
Current consumption 2
IEE2
Measurement cct. 1, OE = LOW
–
–
30
µA
OUT/OUTN HIGH-level output voltage
VOH
Measurement cct. 4,
VCC = 3.3V,
OE = open
Ta = 0 to 85
°C
2.275
2.350
2.420
V
Ta = – 40
°C
2.215
2.295
2.420
V
OUT/OUTN LOW-level output voltage
VOL
Ta = 0 to 85
°C
1.490
1.600
1.680
V
Ta = – 40
°C
1.470
1.605
1.745
V
OUT/OUTN output leakage current
IZ
Measurement cct. 2, OE = LOW
–
–
10
µA
OE HIGH-level input voltage
VIH
Measurement cct. 1
0.7VCC
––
V
OE LOW-level input voltage
VIL
Measurement cct. 1
–
–
0.3VCC
V
OE LOW-level input current 1
IIL1
Measurement cct. 2, VIL = 0V
−2–
−20
µA
OE LOW-level input current 2
IIL2
Measurement cct. 2, VIL = 0.7VCC
−20
–
−200
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com