Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS726T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS726T
Description  12 TO 36 MHZ SOT-23 VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS726T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS726T Datasheet HTML 1Page - Integrated Circuit Systems ICS726T Datasheet HTML 2Page - Integrated Circuit Systems ICS726T Datasheet HTML 3Page - Integrated Circuit Systems ICS726T Datasheet HTML 4Page - Integrated Circuit Systems ICS726T Datasheet HTML 5Page - Integrated Circuit Systems ICS726T Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS726
MDS 726 F
1
Revision 112905
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
12 TO 36 MHZ SOT-23 VCXO
Description
Used in conjunction with an external pullable quartz
crystal, this monolithic integrated circuit replaces more
costly hybrid (canned) VCXO devices. The ICS726 is
designed primarily for data and clock recovery
applications such as ADSL modems, set-top box
receivers, and telecom systems.
The frequency of the on-chip VCXO is adjusted by an
external control voltage to the VIN pin. Since VIN is a
high impedance input, it can be driven directly from an
PWM RC integrator circuit. Frequency output increases
with VIN voltage input. The usable range of VIN is 0 to
3.3 V.
Features
• Uses an inexpensive 12 to 36 MHz external crystal
• Output frequency range of 12 to 36 MHz
• On-chip VCXO with guaranteed pull range of ±115
ppm minimum
• VCXO tuning voltage 0 to 3.3 V
• Packaged in 6-pin TSOT-23-6
• Available in Pb (lead) free package
Block Diagram
Voltage
Controlled
Crystal
Oscillator
12-36MHz
Pullable
Crystal
X1
X2
VIN
12-36MHz
VDD
GND


Similar Part No. - ICS726T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
168Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_10 Datasheet
168Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_12 Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
More results

Similar Description - ICS726T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
CASE 318-08, STYLE 12 SOT-23 TO-236AB
logo
Integrated Circuit Syst...
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
logo
List of Unclassifed Man...
T73327 ETC-T73327 Datasheet
437Kb / 5P
15-36 MHz, 3.3V VCXO
logo
Integrated Circuit Syst...
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Integrated Device Techn...
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
7.0x5.0 36 MHz VCXO
logo
Integrated Device Techn...
ICS726A IDT-ICS726A_10 Datasheet
168Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_12 Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com