Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV7420 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV7420
Description  E-Band Low Noise Downconverter SiP, 81 GHz to 86 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7420 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV7420 Datasheet HTML 17Page - Analog Devices ADMV7420 Datasheet HTML 18Page - Analog Devices ADMV7420 Datasheet HTML 19Page - Analog Devices ADMV7420 Datasheet HTML 20Page - Analog Devices ADMV7420 Datasheet HTML 21Page - Analog Devices ADMV7420 Datasheet HTML 22Page - Analog Devices ADMV7420 Datasheet HTML 23Page - Analog Devices ADMV7420 Datasheet HTML 24Page - Analog Devices ADMV7420 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADMV7420
Rev.
A | Page 21 of 25
THEORY OF OPERATION
The ADMV7420 is a fully integrated SiP, I/Q low noise
downconverter that consists of two functional blocks.
The RFIN port of the ADMV7420 is connected to the gallium
arsenide (GaAs), low noise amplifier that consists of four stages
of low noise amplification that feed into the second block.
The second block is a GaAs, I/Q downconverter with an
integrated LO buffer and 6× multiplier. The 6× multiplier
allows the use of a lower frequency range LO input signal,
typically between 13.2 GHz and 14.6 GHz. The 6× multiplier is
implemented using a cascade of 3× and 2× multipliers. The LO
buffer amplifiers are included on chip to allow a typical LO
drive level of 4 dBm for typical performance. The LO path feeds
a quadrature splitter followed by on-chip baluns that drive the I
and Q mixer cores. The mixer cores comprise singly balanced
passive mixers. The RF input of the I and Q mixers are then
driven through an on-chip Wilkinson power splitter, which is
then fed by the first block of the ADMV7420.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com