Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5045 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5045
Description  9 kHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5045 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5045 Datasheet HTML 6Page - Analog Devices ADRF5045 Datasheet HTML 7Page - Analog Devices ADRF5045 Datasheet HTML 8Page - Analog Devices ADRF5045 Datasheet HTML 9Page - Analog Devices ADRF5045 Datasheet HTML 10Page - Analog Devices ADRF5045 Datasheet HTML 11Page - Analog Devices ADRF5045 Datasheet HTML 12Page - Analog Devices ADRF5045 Datasheet HTML 13Page - Analog Devices ADRF5045 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADRF5045
Rev. A | Page 13 of 14
PROBE MATRIX BOARD
The probe matrix board is a 4-layer board that uses a 12 mil
Rogers RO4003 as the top dielectric material. The external
copper layer is 0.7 mil and the internal copper layers are
1.4 mil. The RF transmission lines were designed using
a CPWG model, with a 16 mil width and a ground spacing of
6 mil, to have a characteristic impedance of 50 Ω.
Figure 26 shows the cross sectional view of the probe matrix
board and Figure 27 shows the top view of the probe matrix
board. Measurements were made using 535 µm GSG probes at
close proximity to the RFx pins. Unlike the ADRF5045-EVALZ,
probing reduces reflections caused by mismatch arising from
connectors, cables, and board layout, resulting in a more
accurate measurement of the performance of the ADRF5045.
RO4003
FR4
FR4
1oz Cu (1.4mil)
1oz Cu (1.4mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5 oz Cu (0.7mil)
W = 16mil
G = 6mil
T = 0.7mil
H = 12mil
Figure 26. Probe Matrix Board (Cross Sectional View)
Figure 27. Probe Board Layout (Top View)
RF traces for a through reflect line (TRL) calibration are
designed on the board itself. A nonzero line length compensates
for board loss at calibration. The actual board duplicates the
same layout in matrix form to assemble multiple devices at
once. Insertion loss and input and output return losses were
measured on this probe matrix board. Isolation performance
measured on the probe matrix board is limited due to signal
coupling between the RF probes that are in close proximity.
Therefore, RF port to port isolation was measured on the
ADRF5045-EVALZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com