Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6604
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6604 Datasheet HTML 1Page - Analog Devices ADRF6604 Datasheet HTML 2Page - Analog Devices ADRF6604 Datasheet HTML 3Page - Analog Devices ADRF6604 Datasheet HTML 4Page - Analog Devices ADRF6604 Datasheet HTML 5Page - Analog Devices ADRF6604 Datasheet HTML 6Page - Analog Devices ADRF6604 Datasheet HTML 7Page - Analog Devices ADRF6604 Datasheet HTML 8Page - Analog Devices ADRF6604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
RF Specifications .......................................................................... 3
Synthesizer/PLL Specifications................................................... 4
Logic Input and Power Specifications ....................................... 4
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 9
RF Frequency Sweep .................................................................... 9
IF Frequency Sweep ................................................................... 10
Spurious Performance................................................................ 15
Register Structure ........................................................................... 16
Register 0—Integer Divide Control (Default: 0x0001C0)..... 16
Register 1—Modulus Divide Control (Default: 0x003001) ........16
Register 2—Fractional Divide Control (Default: 0x001802) ......17
Register 3—Σ-Δ Modulator Dither Control
(Default: 0x10000B) ................................................................... 17
Register 4—PLL Charge Pump, PFD, and Reference Path
Control (Default: 0x0AA7E4)................................................... 18
Register 5—PLL Enable and LO Path Control
(Default: 0x0000E5) ................................................................... 19
Register 6—VCO Control and VCO Enable
(Default: 0x1E2106) ................................................................... 19
Register 7—Mixer Bias Enable and External VCO Enable
(Default: 0x000007).................................................................... 19
Theory of Operation ...................................................................... 20
Programming the ADRF6604................................................... 20
Initialization Sequence .............................................................. 20
LO Selection Logic ..................................................................... 21
Applications Information .............................................................. 22
Basic Connections for Operation............................................. 22
AC Test Fixture ............................................................................... 23
Evaluation Board ............................................................................ 24
Evaluation Board Control Software......................................... 24
Schematic and Artwork............................................................. 26
Evaluation Board Configuration Options............................... 28
Outline Dimensions....................................................................... 29
Ordering Guide .......................................................................... 29
REVISION HISTORY
1/14—Rev. A to Rev. B
Change to Product Title................................................................... 1
Updated Outline Dimensions (Lead-to-Pad Dimension)......... 29
5/11—Rev. 0 to Rev. A
Changes to Features and General Description Sections.............. 1
Changes to Table 2............................................................................ 3
Changes to Synthesizer Specifications Parameter and to Phase
Noise Parameter, Table 3 ............................................................. 4
Changes to Power Supplies Parameter, Table 4 ............................ 4
Replaced Typical Performance Characteristics Section;
Renumbered Sequentially ........................................................... 9
Added Spurious Performance Section......................................... 15
Change to Figure 41 ....................................................................... 17
Changes to Figure 42...................................................................... 18
Changes to Theory of Operation Section.................................... 20
Changes to Figure 46...................................................................... 22
Added AC Test Fixture Section and Figure 47 ........................... 23
Changes to Evaluation Board Control Software Section and
Figure 48 ...................................................................................... 24
Changes to Figure 49...................................................................... 25
6/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com