Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6602 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6602
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6602 Datasheet HTML 9Page - Analog Devices ADRF6602 Datasheet HTML 10Page - Analog Devices ADRF6602 Datasheet HTML 11Page - Analog Devices ADRF6602 Datasheet HTML 12Page - Analog Devices ADRF6602 Datasheet HTML 13Page - Analog Devices ADRF6602 Datasheet HTML 14Page - Analog Devices ADRF6602 Datasheet HTML 15Page - Analog Devices ADRF6602 Datasheet HTML 16Page - Analog Devices ADRF6602 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADRF6604
Rev. B | Page 13 of 32
Complementary cumulative distribution function (CCDF), fRF = 2360 MHz, fIF = 140 MHz.
100
90
80
70
60
50
40
30
20
10
0
–0.5
0
0.5
1.0
1.5
2.0
GAIN (dB)
IP3SET =
OPEN
IP3SET =
3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. Gain
100
90
80
70
60
50
40
30
20
10
0
45
50
55
60
65
70
75
INPUT IP2 (dBm)
IP3SET =
OPEN
IP3SET =
3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 27. Input IP2
100
90
80
70
60
50
40
30
20
10
0
10
11
12
13
14
15
16
17
18
19
20
NOISE FIGURE (dB)
IP3SET = OPEN
TA = +85°C
TA = +25°C
TA = –40°C
Figure 28. Noise Figure
100
90
80
70
60
50
40
30
20
10
0
22
23
24
25
26
27
28
29
30
INPUT IP3 (dBm)
IP3SET =
OPEN
IP3SET =
3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 29. Input IP3
100
90
80
70
60
50
40
30
20
10
0
10.0 10.5 11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0
INPUT P1dB (dBm)
IP3SET =
OPEN
IP3SET =
3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 30. Input P1dB
100
90
80
70
60
50
40
30
20
10
0
–50
–48
–46
–44
–42
–40
–38
–36
LO FEEDTHROUGH TO IF (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
IP3SET = OPEN
IP3SET = 3.3V
Figure 31. LO Feedthrough to IF, LO Output Turned Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com