Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6658BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6658BCPZ
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6658BCPZ Datasheet HTML 17Page - Analog Devices ADRF6658BCPZ Datasheet HTML 18Page - Analog Devices ADRF6658BCPZ Datasheet HTML 19Page - Analog Devices ADRF6658BCPZ Datasheet HTML 20Page - Analog Devices ADRF6658BCPZ Datasheet HTML 21Page - Analog Devices ADRF6658BCPZ Datasheet HTML 22Page - Analog Devices ADRF6658BCPZ Datasheet HTML 23Page - Analog Devices ADRF6658BCPZ Datasheet HTML 24Page - Analog Devices ADRF6658BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 21 of 31
REGISTER 7
Control Bits
Program Register 7 by setting Bits[C4:C1] to 0111. Figure 34
shows the input data format for programming this register.
DGA Control Select
Bit DB22 selects the mode of control for the IF DGA. When this
bit is programmed to 0, the gain of each DGA block is set by
value of the relevant fields in Register 14: Bits[DB17:DB12] set
the DGA A gain for Channel A, and Bits[DB11:DB6] set the
DGA B gain for Channel B. When Bit DB22 in Register 7 is set
to 1, the gain is controlled by the external parallel ports: Pin A5
through Pin A0 for Channel A, and Pin B5 through Pin B0 for
Channel B.
Figure 34. Register 7 (R7)
RESERVED
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
CONTROL BITS
0
DCS
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
C3(1) C2(1) C1(1)
C4(0)
0
0
0
DCS
DGA CONTROL
SELECT
0
GAIN SET BY SPI REGISTER
1
GAIN SET BY EXTERNAL PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com