Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ES1AV
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ES1AV Datasheet(HTML) 1 Page - Rectron Semiconductor

  ES1AV Datasheet HTML 1Page - Rectron Semiconductor ES1AV Datasheet HTML 2Page - Rectron Semiconductor ES1AV Datasheet HTML 3Page - Rectron Semiconductor ES1AV Datasheet HTML 4Page - Rectron Semiconductor ES1AV Datasheet HTML 5Page - Rectron Semiconductor ES1AV Datasheet HTML 6Page - Rectron Semiconductor ES1AV Datasheet HTML 7Page - Rectron Semiconductor ES1AV Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURFACE MOUNT GLASS PASSIVATED
SUPER FAST SILICON RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
ES1AV
THRU
ES1JV
DO-214AC
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
C
R JA
R JL
J
TJ, TSTG
VRMS
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1J
UNITS
50
150
300
Volts
Volts
Volts
Amps
35
50
100
70
100
420
600
105
150
210
300
600
280
400
400
1.0
30
85
35
15
10
-55 to + 150
Amps
pF
0C
0C/W
200
140
200
NOTES :
1. Reverse Re
3. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
at Rated DC Blocking Voltage
@TA = 25
oC
@TA = 150
oC
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
0.95
1.25
1.70
0.5
2.0
35
Amps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
0.091 ( 2.31 )
0.067 ( 1.70 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.059 ( 1.50 )
0.035 ( 0.89 )
0.209 ( 5.31 )
0.185 ( 4.70 )
0.180 ( 4.57 )
0.160 ( 4.06 )
0.110 ( 2.79 )
0.086 ( 2.18 )
0.067 (1.70 )
0.051 (1.29 )
Typical Current Square Time
I2T
A2S
3.7
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1J
* Halogen-free
* P/N suffix V means AEC-Q101 qualified, e.g:ES1AV
Amps
m
2020-11
REV:O


Similar Part No. - ES1AV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1A PHILIPS-ES1A Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1A PHILIPS-ES1A Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1A SURGE-ES1A Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1A TRSYS-ES1A Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1AV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM201 RECTRON-EFM201_06 Datasheet
528Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM101L RECTRON-EFM101L Datasheet
394Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM101V RECTRON-EFM101V Datasheet
253Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM201V RECTRON-EFM201V Datasheet
235Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM301V RECTRON-EFM301V Datasheet
286Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
ES2AA RECTRON-ES2AA Datasheet
354Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
ES2AAV RECTRON-ES2AAV Datasheet
361Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
ES2AV RECTRON-ES2AV Datasheet
407Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
ES3AV RECTRON-ES3AV Datasheet
389Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
UFM207 RECTRON-UFM207 Datasheet
222Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com