Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEPF-42PC-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KEPF-42PC-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KEPF-42PC-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KEPF-42PC-R Datasheet HTML 1Page - M-System Co.,Ltd. KEPF-42PC-R Datasheet HTML 2Page - M-System Co.,Ltd. KEPF-42PC-R Datasheet HTML 3Page - M-System Co.,Ltd. KEPF-42PC-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: KEPF
KEPF SPECIFICATIONS
ES-3668 Rev.5 Page 3/4
http://www.m-system.co.jp/
CONNECTION DIAGRAM
LOAD
LOAD
1
2
3
SOURCE
P2
V
v
P3
U
u
CT
1L
1S
k
l
L
K
4
9
P0
V
P2
U
v
u
FUSE
V
v
P3
U
u
3
4
9
5
6
+
–
1
2
OUTPUT
■ 3-PHASE/3-WIRE
*CT Protector (model: CTM) attached to these terminals.
10
11
U(+)
V(–)
*
CT
1L
1S
k
l
L
K
5
6
*
1
N
2
3
SOURCE
10
11
U(+)
V(–)
■ 3-PHASE/4-WIRE
+
–
1
2
OUTPUT
VT
VT
**The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets within the range of auxiliary
power supply of the unit specified in the data sheet/instruction manual.
AUXILIARY POWER**
AUXILIARY POWER**
FUSE
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
103 (4.06)
132 (5.20)
• When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
3
9
4
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
4
CT PROTECTOR
(model: CTM)
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com