Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C196MH Datasheet(PDF) 21 Page - Intel Corporation

Part # 80C196MH
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MH Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80C196MH Datasheet HTML 17Page - Intel Corporation 80C196MH Datasheet HTML 18Page - Intel Corporation 80C196MH Datasheet HTML 19Page - Intel Corporation 80C196MH Datasheet HTML 20Page - Intel Corporation 80C196MH Datasheet HTML 21Page - Intel Corporation 80C196MH Datasheet HTML 22Page - Intel Corporation 80C196MH Datasheet HTML 23Page - Intel Corporation 80C196MH Datasheet HTML 24Page - Intel Corporation 80C196MH Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
21
I
IL1
Input Low Current (P5.4
and P2.6 during reset) (2)
– 10
mA
V
IN = 0.8 V
I
IL2
Input Low Current (ports 3,
4, and 5, except P5.4)
– 300
µA
V
IN = 0.8 V
I
IL3
Input Low Current (port 1)
– 300
µA
V
IN = 0.3 VCC
I
OH
Output High Current (P5.4
and P2.6 during reset) (3)
– 0.2
mA
0.7 V
CC
I
OH1
Output High Current
(P6.5:0 during reset)
– 6
– 40
µA
0.7 V
CC
I
CC
V
CC Supply Current
50
70
mA
XTAL1 = 16 MHz
V
CC = 5.5 V
V
PP = 5.5 V
V
REF = 5.5 V
I
REF
A/D Reference Supply
Current
25
mA
I
IDLE
Idle Mode Current
15
30
mA
I
PD
Powerdown Mode Current
(4)
550
µA
R
RST
Reset Pull-up Resistor
6
65
k
Ω
C
S
Pin Capacitance (any pin
to V
SS)
10
pF
F
TEST = 1.0 MHz
Table 8. DC Characteristics over Specified Operating Conditions (Continued)
Symbol
Parameter
Min
Typ (4)
Max
Units
Test Conditions
NOTES:
1.
Standard input pins include XTAL1, EA#, and Ports 1 and 2 when configured as inputs.
2.
Maximum current that an external device must sink to ensure test mode entry.
3.
Violating these specifications during reset may cause the device to enter test modes.
4.
Typical values are based on a limited number of samples and are not guaranteed. Operating conditions
for typical values are room temperature and V
REF = VCC = 5.5 V.
5.
Testing is performed down to 8 MHz, although the device is static by design and will typically operate
below 1 Hz.
6.
All voltages are referenced relative to V
SS. When used, VSS refers to the device pin.
7.
Table 9 lists the total current limits during normal (non-transient conditions). The total current listed is the
sum of the pins listed for each specification value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com