Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPK-54W-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KPK-54W-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KPK-54W-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KPK-54W-R Datasheet HTML 1Page - M-System Co.,Ltd. KPK-54W-R Datasheet HTML 2Page - M-System Co.,Ltd. KPK-54W-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: KPK
KPK SPECIFICATIONS
ES-3546 Rev.1 Page 3/3
http://www.m-system.co.jp/
CONNECTION DIAGRAM
+
–
OUTPUT
1
2
V
U
v
u
FUSE
VT
LOAD
SOURCE
3
4
* The transmitter can be powered from the input voltage when the voltage
is sufficiently stable and meets within the range of auxiliary power supply
of the unit specified in the data sheet/instruction manual.
U(+)
V(–)
AUXILIARY POWER*
7
8
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
123 (4.84)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com