Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L53U-1101-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # L53U-1101-R
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L53U-1101-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  L53U-1101-R Datasheet HTML 1Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 2Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 3Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 4Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 5Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 6Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 7Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 8Page - M-System Co.,Ltd. L53U-1101-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: L53U
L53U SPECIFICATIONS
ES-1958 Rev.13 Page 1/9
https://www.m-system.co.jp/
Power Transducer Series
MULTI POWER TRANSDUCER
Functions & Features
• Measures simultaneously several variables of a heavy-
current power system: current, voltage, active, reactive,
and apparent power, active and reactive energy, power
factor, frequency, etc.
• All measured values, counter values, setting data are
stored in the non-volatile memory at the power off.
• Conversion factors, system configuration, interval times
are programmable.
• Open collector output for alarm or energy count.
Typical Applications
• Multi-functional power measurement in electric device or
in switching boards.
mm (inch)
60 (2.36)
105
(4.13)
120
(4.72)
MODEL: L53U-1[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: L53U-1[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. L53U-1211-AD4/H/A/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
CONFIGURATION
1: Single-phase / 2-wire and 3-wire,
3-phase / 3-wire and 4-wire
[1] INPUT
1: 480 V / 1 A AC
2: 480 V / 5 A AC
[2] DISCRETE INPUT
0: None
( ‘External Interface’ codes 1, 4 and 5 Not selectable.)
1: 24 V DC
(‘External Interface’ codes 2, 3, 6 and 7 Not selectable.)
2: 110 V DC
(‘External Interface’ codes 2, 3, 6 and 7 Not selectable.)
[3] EXTERNAL INTERFACE
1: Modbus, Do × 1, Di × 1
2: 4 – 20 mA DC × 4
3: 1 – 5 V DC × 4
4: 4 – 20 mA DC × 2, Do × 1, Di × 1
5: 1 – 5 V DC × 2, Do × 1, Di × 1
6: 4 – 20 mA DC × 2, Do × 2
7: 1 – 5 V DC × 2, Do × 2
[4] AUXILIARY POWER SUPPLY
AD4: universal
100 – 240 V AC (Operational range 85 – 264 V, 47 – 66 Hz) /
110 – 240 V DC (Operational range 99 – 264 V,
ripple 10 %p-p max)
R: DC Power
24 V DC (Operational range 19 – 29 V, ripple 10 %p-p max)
(‘External interface’ codes 1, 4, 5, 6 and 7 Not selectable.)
[5] OPTIONS (multiple selections)
Performance
blank: Standard
/H: High accuracy (voltage/current: ±0.2 %, energy: ±0.5 %)
Configurator Software Switch
/A: Without switch (must specify)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1958)
RELATED PRODUCTS
• PC configurator software (model: PMCFG)
• PC Recorder Light software for the 53U (model:
MSR128LUx)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - L53U-1101-R

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
L530 LEGRAND-L530 Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
STMicroelectronics
L5300AH7 STMICROELECTRONICS-L5300AH7 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L5300AH7 STMICROELECTRONICS-L5300AH7 Datasheet
508Kb / 24P
Automotive 5 V low drop voltage regulator
21-Sep-2018
L5300AH7TR STMICROELECTRONICS-L5300AH7TR Datasheet
508Kb / 24P
Automotive 5 V low drop voltage regulator
21-Sep-2018
L5300EPT STMICROELECTRONICS-L5300EPT Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L53U-1101-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
53U MSYSTEM-53U Datasheet
489Kb / 9P
Power Transducer Series
54U MSYSTEM-54U Datasheet
476Kb / 10P
Power Transducer Series
54UC MSYSTEM-54UC Datasheet
360Kb / 8P
Power Transducer Series
54UL MSYSTEM-54UL Datasheet
353Kb / 8P
Power Transducer Series
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LSMT4 MSYSTEM-LSMT4 Datasheet
229Kb / 5P
Power Transducer Series
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com