Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX29 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # FX29
Description  Compact Compression Load Cell
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FX29 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button FX29 Datasheet HTML 4Page - TE Connectivity Ltd FX29 Datasheet HTML 5Page - TE Connectivity Ltd FX29 Datasheet HTML 6Page - TE Connectivity Ltd FX29 Datasheet HTML 7Page - TE Connectivity Ltd FX29 Datasheet HTML 8Page - TE Connectivity Ltd FX29 Datasheet HTML 9Page - TE Connectivity Ltd FX29 Datasheet HTML 10Page - TE Connectivity Ltd FX29 Datasheet HTML 11Page - TE Connectivity Ltd FX29 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FX29
Compact Compression Load Cell
TE CONNECTIVITY SENSORS /// FX29
DOC CONTROL NUMBER 05142019
10/2020
Page 8
Force Output Graph (Digital)
I2C Typical Circuit
Note: only one pair of pull up resistors are needed for multiple sensing devices.
Force Sensor Output
%Output
Counts (decimal)
Counts (hex)
0%
1000
0x3E8
5%
1700
0x6A4
10%
2400
0x960
50%
8000
0x1F40
90%
13600
0x3520
95%
14300
0x37DC
100%
15000
0x3A98
�� �� = 4�������� ∗ �� +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com