Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FML340 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FML340
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML340 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FML340 Datasheet HTML 1Page - Rectron Semiconductor FML340 Datasheet HTML 2Page - Rectron Semiconductor FML340 Datasheet HTML 3Page - Rectron Semiconductor FML340 Datasheet HTML 4Page - Rectron Semiconductor FML340 Datasheet HTML 5Page - Rectron Semiconductor FML340 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
TERMINAL TEMPERATURE, (
OC)
0
0.01
0.001
1.0
0.1
10
100
0
1.0
2.0
3.0
4.0
20
40
60
80
100
120
140
175
125
150
50
25
75
100
0
0.1
0.3
0.5
1.1
1.5
1.7
1.9
0.9
0.1
1.0
10
20
0.7
1.3
2.1
RATING AND CHARACTERISTICS CURVES ( FML340 )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 TYPICAL REVERSE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
0
40
20
60
100
80
2
4
6
8 10
20
40
80 100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
TA = 80
OC
TA = 25
OC
TJ = 25
OC
Pulse width=300
μS
1% Duty Cycle
8.3mS Single Half Sine-Wave
JEDEC Method



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com