Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FML545 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FML545
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML545 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FML545 Datasheet HTML 1Page - Rectron Semiconductor FML545 Datasheet HTML 2Page - Rectron Semiconductor FML545 Datasheet HTML 3Page - Rectron Semiconductor FML545 Datasheet HTML 4Page - Rectron Semiconductor FML545 Datasheet HTML 5Page - Rectron Semiconductor FML545 Datasheet HTML 6Page - Rectron Semiconductor FML545 Datasheet HTML 7Page - Rectron Semiconductor FML545 Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RATING AND CHARACTERISTICS CURVES ( FML545 )
Fig. 1 Forward Power Dissipation
0
0.5
1
1.5
2
3
4
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
5
10
15
5
1
10
100
1,000
10,000
100,000
Fig. 4 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.2
0.3
0.4
0.7
0.9
0.6
0.1
1.0
10
20
0.5
0.8
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ =25
OC,
0
1
2
3
4
5
6
25
50
75
100
125
150
T , LEAD TEMPERATURE (°C)
L
175
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.01
0.001
1.0
0.1
10
20
40
60
80
100
120
140
TA =25
O
C
TA = 100
O
C
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com