Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IHTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # AIS2IHTR
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IHTR Datasheet(HTML) 5 Page - STMicroelectronics

  AIS2IHTR Datasheet HTML 1Page - STMicroelectronics AIS2IHTR Datasheet HTML 2Page - STMicroelectronics AIS2IHTR Datasheet HTML 3Page - STMicroelectronics AIS2IHTR Datasheet HTML 4Page - STMicroelectronics AIS2IHTR Datasheet HTML 5Page - STMicroelectronics AIS2IHTR Datasheet HTML 6Page - STMicroelectronics AIS2IHTR Datasheet HTML 7Page - STMicroelectronics AIS2IHTR Datasheet HTML 8Page - STMicroelectronics AIS2IHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Table 2. Internal pull-up values (typ.) for SDO/SA0 and CS pins
Vdd_IO
Resistor value for SDO/SA0 and CS pins
Typ. (kΩ)(1)
1.7 V
54.4
1.8 V
49.2
2.5 V
30.4
3.6 V
20.4
1. Typical values @ T = 25 °C, not guaranteed.
AIS2IH
Pin description
DS12421 - Rev 4
page 5/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com