Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8201 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8201 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 21Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 21 of 21 -
Document History & Notices
Revision Number
Date
Description
1.6.1
16 Jan 03
1.6.2
7 Aug 03
Updated decoupling power supply, capacitor lay-
out (added LBGA figure), and schematic
1.6.3
29 Sep 04
Changed CIS8201 to VSC8201 globally.
Integrated the information from the CIS8201
RGMII 3.3V Appnote into this document.
PROPRIETARY AND CONFIDENTIAL: All of the information included herein, as well as any oral or written discussions regarding such information
and any materials generated as a result of such discussions, is confidential information that is proprietary to Vitesse Semiconductor Corporation and
should be used by its recipient solely as authorized by Vitesse Semiconductor Corporation under written non-disclosure agreement.
This errata is subject to change without notice. Vitesse reserves the right to make changes to the product(s) or information contained herein in order to
improve the product in any manner. No liability is assumed as the result of the use or application of any product or information contained within this or
related documents. Vitesse does not convey patent rights, nor those of others, from the sale or use of the products described or referenced within this
document.
“SimpliPHY”, “MicroPHY”, “VeriPHY”, and “ActiPHY” are trademarks of Vitesse Semiconductor Corporation. All third-party brand and product names
within this document are trademarks or registered trademarks of their respective owners.
 Copyright 2003-2004 by Vitesse Semiconductor Corporation
All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com