Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982CDR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6982CDR
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982CDR Datasheet(HTML) 5 Page - STMicroelectronics

  L6982CDR Datasheet HTML 1Page - STMicroelectronics L6982CDR Datasheet HTML 2Page - STMicroelectronics L6982CDR Datasheet HTML 3Page - STMicroelectronics L6982CDR Datasheet HTML 4Page - STMicroelectronics L6982CDR Datasheet HTML 5Page - STMicroelectronics L6982CDR Datasheet HTML 6Page - STMicroelectronics L6982CDR Datasheet HTML 7Page - STMicroelectronics L6982CDR Datasheet HTML 8Page - STMicroelectronics L6982CDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
4
Maximum ratings
Stressing the device above the ratings listed in the table below may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions above those indicated
in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VIN
Maximum pin voltage
- 0.3
42
V
PGND to AGND
Maximum pin voltage
- 0.3
0.3
V
BOOT
Maximum pin voltage
SW – 0.3
SW + 4
V
VCC
Maximum pin voltage
- 0.3
Min. (VIN + 0.3 V; 4 V)
V
VOUT/FB
Maximum pin voltage
- 0.3
8
V
EN
Maximum pin voltage
- 0.3
VIN + 0.3
V
SW
Maximum pin voltage
- 0.85
VIN + 0.3
V
- 3.8 for 0.5 ns
IHS, ILS
High-side / Low-side RMS switch
current
1.5
A
TJ
Operating temperature range
- 40
150
°C
TSTG
Storage temperature range
- 65
150
°C
TLEAD
Lead temperature (soldering 10 sec.)
260
°C
Note:
All values are referred to AGND unless otherwise specified.
Table 4. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD Protection voltage
HBM
2
kV
CDM pins
500
V
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction ambient (device soldered
on the STMicroelectronics demonstration board)
55
°C/W
L6982
Maximum ratings
DS13683 - Rev 1
page 5/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com