Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8201DL Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8201DL
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201DL Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8201DL Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 2 of 21 -
The following figure shows the proposed layout for the local decoupling capacitors. The figure is approximately drawn to scale for stan-
dard 0603 size capacitors. Vias to the power and ground planes immediately in the vicinity of the capacitors provide a low inductive path
and aid in heat dissipation.
Table 2: Power Supply Decoupling for separate 3.3v and 1.5v Power Supplies
PCB Power Plane
Bulk Decoupling required
Local Decoupling Required
V+IO
1 pair of 22uF, 1uF
Four 0.1uF capacitors
V+A33
1 pair of 22uF, 1uF and 1 10uF
Two 0.1 uF capacitors
V+A15
1 pair of 2.2uF, 1uF
One 0.1 uF capacitor
V+DIG
1 pair of 22uF, 1uF
Four 0.1uF capacitors
Table 3: Power Supply Decoupling for single 3.3v Supply and Optional fixed 1.5v Regulator
PCB Power Plane
Bulk Decoupling required
Local Decoupling Required
V+IO
1 pair of 22uF, 1uF
Four 0.1uF capacitors
V+A33
1 pair of 22uF, 1uF and 1 10 uF
Two 0.1uF capacitors
V+A15
1 pair of 2.2uF, 1uF
One 0.1 uF capacitor
V+DIG
2.2uF
Four 0.1uF capacitors
VSC8201
128 LQFP
(Top View)
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
Note:Place vias close to or under neath the capacitor pads for
low inductive path and higher heat dissipation rate.
0.1 uF
Figure 1: Local High-Frequency decoupling Capacitor Layout - LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com