Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD57100 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD57100
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD57100 Datasheet HTML 12Page - STMicroelectronics LD57100 Datasheet HTML 13Page - STMicroelectronics LD57100 Datasheet HTML 14Page - STMicroelectronics LD57100 Datasheet HTML 15Page - STMicroelectronics LD57100 Datasheet HTML 16Page - STMicroelectronics LD57100 Datasheet HTML 17Page - STMicroelectronics LD57100 Datasheet HTML 18Page - STMicroelectronics LD57100 Datasheet HTML 19Page - STMicroelectronics LD57100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
9
Ordering information
Table 9. Order codes
Order code
VOUT
Marking
LD57100J100R
1.00 V
JB
LD57100J105R
1.05 V
JC
LD57100J800R
0.8 V
JF
LD57100J110R
1.10 V
JD
LD57100J120R
1.20 V
JE
LD57100JR
Adjustable
JA
LD57100
Ordering information
DS13123 - Rev 5
page 16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com