Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS27HHTW Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 31Page - STMicroelectronics LPS27HHTW Datasheet HTML 32Page - STMicroelectronics LPS27HHTW Datasheet HTML 33Page - STMicroelectronics LPS27HHTW Datasheet HTML 34Page - STMicroelectronics LPS27HHTW Datasheet HTML 35Page - STMicroelectronics LPS27HHTW Datasheet HTML 36Page - STMicroelectronics LPS27HHTW Datasheet HTML 37Page - STMicroelectronics LPS27HHTW Datasheet HTML 38Page - STMicroelectronics LPS27HHTW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
9.2
THS_P_L (0Ch)
User-defined threshold value for pressure interrupt event (least significant bits) (R/W)
7
6
5
4
3
2
1
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation. Default value: 00h
The threshold value for pressure interrupt generation is a 15-bit unsigned right-justified value composed of
THS_P_H (0Dh) and THS_P_L (0Ch).The value is expressed as:
THS_P (15-bit unsigned) = Desired interrupt threshold (hPa) x 16
To enable the interrupt event based on this user-defined threshold, the DIFF_EN bit in INTERRUPT_CFG (0Bh)
must be set to '1', the PHE bit or PLE bit (or both bits) in INTERRUPT_CFG (0Bh) has to be enabled.
9.3
THS_P_H (0Dh)
User-defined threshold value for pressure interrupt event (most significant bits) (R/W)
7
6
5
4
3
2
1
0
-
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[14:8]
This register contains the high part of threshold value for pressure interrupt generation. Default value: 00h
Refer to THS_P_L (0Ch).
9.4
IF_CTRL (0Eh)
Interface control register (R/W)
7
6
5
4
3
2
1
0
INT_EN_I3C
0
0
SDA_PU_EN
SDO_PU_EN
PD_DIS_INT1
I3C_DISABLE
I2C_DISABLE
INT_EN_I3C
Enable INT1 pad with MIPI I3CSM. If the INT_EN_I3C bit is set, the INT1 pad is polarized as OUT. Default value: 0
(0: INT1 disabled with MIPI I3CSM; 1: INT1 enabled with MIPI I3CSM)
SDA_PU_EN
Enable pull-up on the SDA pin. Default value: 0
(0: SDA pin pull-up disconnected; 1: SDA pin with pull-up)
SDO_PU_EN
Enable pull-up on the SDO pin. Default value: 0
(0: SDO pin pull-up disconnected; 1: SDO pin with pull-up)
PD_DIS_INT1
Disable pull down on the INT1 pin. Default value: 0
(0: INT1 pin with pull-down; 1: INT1 pin pull-down disconnected)
I3C_DISABLE(1)
Disable MIPI I3CSM interface. Default value: 0
(0: MIPI I3CSM enabled; 1: MIPI I3CSM disabled)
I2C_DISABLE(2)
Disable I²C interface. Default value: 0
(0: I²C enabled; 1: I²C disabled)
1. I3C_DISABLE bit disables the MIPI I3CSM communication protocol.
2. I2C_DISABLE bit disables the I²C interface, by default both SPI and I²C interfaces are enabled.
LPS27HHTW
THS_P_L (0Ch)
DS13489 - Rev 1
page 35/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com