Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-11FW-G Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LCY-11FW-G
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCY-11FW-G Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LCY-11FW-G Datasheet HTML 1Page - M-System Co.,Ltd. LCY-11FW-G Datasheet HTML 2Page - M-System Co.,Ltd. LCY-11FW-G Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LCY
http://www.m-system.co.jp/
LCY SPECIFICATIONS
ES-1993 Rev.6 Page 1/3
Power Transducer Series L-UNIT
BIDIRECTIONAL CURRENT TRANSDUCER
Functions & Features
• Accepting 3-phase/3-wire AC current and voltage and
detecting the magnitude and direction of the power flow by
the phase angle of the signals
• Providing standard DC signal in proportion to the AC
current
• DC output containing little ripple is ideal for computer
input
• Isolation up to 2000V AC
• High-density mounting
Typical Applications
• Measuring AC current flow in a factory having private
power plants
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LCY–1[1][2]–[3][4]
ORDERING INFORMATION
• Code number: LCY–1[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. LCY-11A-C/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
CONFIGURATION
1: 3-phase / 3-wire
[1] INPUT (balanced load)
Current
1: 110 V AC / -5 - +5 A
2: 110 V AC / -1 - +1 A
3: 220 V AC / -1 - +1 A
4: 220 V AC / -5 - +5 A
The negative polarity of input current indicates the direct
(surplus) flow and the positive indicates the reverse flow.
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
DW: -20 – +20 mA DC (Load resistance 550 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1100 Ω max.)
GW: -1 – +1 mA DC (Load resistance 11 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2200 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel


Similar Part No. - LCY-11FW-G

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LCY-01019 SHARP-LCY-01019 Datasheet
813Kb / 28P
Color TFT LCD Module
logo
ams-OSRAM AG
LCY-CEUP AMSOSRAM-LCY-CEUP Datasheet
1Mb / 22P
OSLON® Compact CL
2020-04-27
logo
OSRAM GmbH
LCY-CLBP OSRAM-LCY-CLBP Datasheet
408Kb / 22P
SMD ceramic package with silicone resin with lens
logo
ams-OSRAM AG
LCY-CLBP AMSOSRAM-LCY-CLBP Datasheet
1Mb / 24P
OSLON® Signal
2022-06-02
LCY-CRBP-01 AMSOSRAM-LCY-CRBP-01 Datasheet
1Mb / 24P
OSLON® Signal
2023-04-06
More results

Similar Description - LCY-11FW-G

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com