Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUWE-42MB-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KUWE-42MB-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KUWE-42MB-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KUWE-42MB-R Datasheet HTML 1Page - M-System Co.,Ltd. KUWE-42MB-R Datasheet HTML 2Page - M-System Co.,Ltd. KUWE-42MB-R Datasheet HTML 3Page - M-System Co.,Ltd. KUWE-42MB-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: KUWE
KUWE SPECIFICATIONS
ES-3656 Rev.2 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
WATT TRANSDUCER
(for 3-phase / 4-wire)
Functions & Features
• Providing a DC output signal in proportion to AC active
power
• Measuring bidirectional power flow
• DC output containing little ripple is ideal for computer
input
• "Time division multiplication" method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
• SCR – Silicon Controlled Rectifier
72
(2.83)
132
(5.20)
80
(3.15)
mm (inch)
K-UNIT
MODEL: KUWE–4[1][2]–[3][4]
ORDERING INFORMATION
• Code number: KUWE-4[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. KUWE-41A-C/Q)
• Calibration range (e.g. 0 – 980W)
• VT ratio, CT ratio (e.g. VT 3300 / 110 V, CT 250 / 5 A)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
CONFIGURATION
4: 3-phase / 4-wire
[1] INPUT (unbalanced load)
1: 63.5 V / 110 V / 5 A AC
2: 63.5 V / 110 V / 1 A AC
3: 127 V / 220 V / 1 A AC
4: 127 V / 220 V / 5 A AC
5: 220 V / 380 V / 1 A AC
6: 220 V / 380 V / 5 A AC
7: 110 V / 190 V / 1 A AC
8: 110 V / 190 V / 5 A AC
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2400 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)


Similar Part No. - KUWE-42MB-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KUWEN MSYSTEM-KUWEN Datasheet
134Kb / 4P
Plug-in Signal Conditioners K-UNIT
KUWEN-4100 MSYSTEM-KUWEN-4100 Datasheet
134Kb / 4P
Plug-in Signal Conditioners K-UNIT
KUWEN-4100/Q MSYSTEM-KUWEN-4100/Q Datasheet
134Kb / 4P
Plug-in Signal Conditioners K-UNIT
KUWEN-4101 MSYSTEM-KUWEN-4101 Datasheet
134Kb / 4P
Plug-in Signal Conditioners K-UNIT
KUWEN-4101/Q MSYSTEM-KUWEN-4101/Q Datasheet
134Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KUWE-42MB-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com