Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUWE-43MB-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KUWE-43MB-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KUWE-43MB-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KUWE-43MB-R Datasheet HTML 1Page - M-System Co.,Ltd. KUWE-43MB-R Datasheet HTML 2Page - M-System Co.,Ltd. KUWE-43MB-R Datasheet HTML 3Page - M-System Co.,Ltd. KUWE-43MB-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: KUWE
KUWE SPECIFICATIONS
ES-3656 Rev.2 Page 2/4
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to output to
auxiliary power
Computation: Time division multiplication
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
• Current Input
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120% continuous
■ How To Determine Wattage Range
Calibration Range [W] = (Measuring Wattage) ÷
((VT Ratio) × (CT Ratio))
Check that the required calibration range is within the
available range in the table.
[example]
3-phase / 4-wire, measuring wattage 75 kW,
VT 127 / 127 V, CT 250 / 5 A
(75 × 103 [W]) ÷ ((127 ÷ 127) × (250 ÷ 5)) = 1500 [W]
I INPUT RANGE
• 3-phase / 4-wire
INPUT
BURDEN (VA)
STD.RANGE
AVAILABLE
RANGE
VOLT. CURR.
±200 W
±1000 W
0.1
/phase
±100 – ±240 W
±500 – ±1200 W
0.5
/phase
0.1
/phase
±350 W
±1750 W
0.1
/phase
±175 – ±420 W
±875 – ±2100 W
0.5
/phase
0.2
/phase
±400 W
±2000 W
0.1
/phase
±200 – ±480 W
±1000 – ±2400 W
0.5
/phase
0.3
/phase
±700 W
±3500 W
0.1
/phase
±350 – ±840 W
±1750 – ±4200 W
0.5
/phase
0.4
/phase
/1A
110V
√ 3
__
/5A
110V
√ 3
__
/1A
190V
√ 3
__
/5A
190V
√ 3
__
/1A
220V
√ 3
__
/5A
220V
√ 3
__
/1A
380V
√ 3
__
/5A
380V
√ 3
__
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC and ± 1 mA
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 12 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
500
1000 W
0
12
OUT
20 mA
500
1000 W
0
5
OUT
10 V
4
0
+1000 W
-1000 W
12
OUT
20 mA
0
+1000 W
-1000 W
0
OUT
+10 V
4
-10 V
s OPERATION DIAGRAM (example)
INSTALLATION
Auxiliary power supply
•AC: Operational voltage range: rating -15/+10 %,
50/60 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
or 85 – 150 V for 110 V rating, ripple 10 %p-p max.,
approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com