Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P15LA12SL Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

Part # P15LA12SL
Description  Power MOSFETs 120V, 15A, N-channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P15LA12SL Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

  P15LA12SL Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd P15LA12SL Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Notes
1. If you wish to use any such product, please be sure to refer to the specifications issued by Shindengen.
2. All products described or contained herein are designed with a quality level intended for use in standard applications requiring an
ordinary level of reliability. If these products are to be used in equipment or devices for special or specific applications requiring an
extremely high grade of quality or reliability in which failures or malfunctions of products may directly affect human life or health, a
local Shindengen office must be contacted in advance to confirm that the intended use of the product is appropriate. Shindengen
products are grouped into the following three applications according the quality grade.
【Standard applications】
Computers, office automation and other office equipment, communication terminals, test and measurement equipment,
audio/visual equipment, amusement equipment, consumer electronics, machine tools, personal electronic equipment, industrial
equipment, etc.
【Special applications】
Transportation equipment (vehicles, ships, etc.), trunk-line communication equipment, traffic signal control systems, anti-
disaster/crime systems, safety equipment, medical equipment, etc.
【Specific applications】
Nuclear reactor control systems, aircraft, aerospace equipment, submarine repeaters, life support equipment and systems, etc.
3. Although Shindengen continuously endeavors to enhance the quality and reliability of its products, customers are advised to
consider and take safety measures in their design, such as redundancy, fire containment and anti-failure, so that personal injury,
fires, or societal damages can be prevented.
4. Please note that all information described or contained herein is subject to change without notice due to product upgrades and other
reasons. When buying Shindengen products, please contact the Companyʼs offices or distributors to obtain the latest information.
5. Shindengen shall not bear any responsibility with regards to damages or infringement of any third-party patent rights and other
intellectual property rights incurred due to the use of information on this website.
6. The information and materials on this website neither warrant the use of Shindengen's or any third partyʼs patent rights and other
intellectual property rights, nor grant license to such rights.
7. In the event that any product described or contained herein falls under the category of strategic products controlled under the
Foreign Exchange and Foreign Trade Control Law of Japan, exporting of such products shall require an export license from the
Japanese government in accordance with the above law.
8. No reprinting or reproduction of the materials on this website, either in whole or in part, is permitted without proper authorization
from Shindengen.
Shindengen Electric Manufacturing Co., Ltd.
7/7
P15LA12SL_Rev.02(2020.07)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com