Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS2-151-F Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LCS2-151-F
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCS2-151-F Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LCS2-151-F Datasheet HTML 1Page - M-System Co.,Ltd. LCS2-151-F Datasheet HTML 2Page - M-System Co.,Ltd. LCS2-151-F Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LCS2
LCS2 SPECIFICATIONS
ES-1362 Rev.2 Page 2/3
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Excitation adjustment: 2 – 5 V (front) limited to ≤ 10 V when
the remote sensing terminals are open.
Zero adjustments (tare): 0 – 80 % (front)
(Excitation voltage: factory default)
Span adjustment: 100 – 20 % (front)
(Excitation voltage: factory default)
■ DISPLAY (Input indicator)
LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %)
(No scaling)
INPUT SPECIFICATIONS
Input: Bridge voltage from load cells
Allowable leadwire resistance: ≤ Total Strain Gauge
Resistance × 0.25
• Strain Gauge
Rated output from strain gauge: 1 – 20 mV/V; Input to the
transmitter must be over 3 mV.
• Excitation: 2 – 5 V adjustable (5 V standard)
Maximum current: 65 mA
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ± 2 Hz, approx. 5 VA
•DC: Operational voltage range: 24 V ±10 %,
approx. 150 mA, ripple 10 %p-p max.
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 430 g (0.95 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (input ≥ 3 mV)
Display accuracy: ± (0.1 % of FS + 1 digit)
(input ≥ 3 mV)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (input ≥ 3
mV)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute for AC power
1000 V AC @1 minute for DC power
(input or output to power)
1000 V AC @1 minute (input to output)
2000 V AC @1 minute
(input or output or power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com