Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1839AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD1839AS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1839AS Datasheet HTML 13Page - Analog Devices AD1839AS Datasheet HTML 14Page - Analog Devices AD1839AS Datasheet HTML 15Page - Analog Devices AD1839AS Datasheet HTML 16Page - Analog Devices AD1839AS Datasheet HTML 17Page - Analog Devices AD1839AS Datasheet HTML 18Page - Analog Devices AD1839AS Datasheet HTML 19Page - Analog Devices AD1839AS Datasheet HTML 20Page - Analog Devices AD1839AS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. B
AD1839
–17–
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC 1
SLAVE
SHARC
AD1839
MASTER
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC 2
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC 1
SLAVE
AAUXDATA3
DBCLK/AUXBCLK
LRCLK
BCLK
DATA
MCLK
DAC 1
SLAVE
DAUXDATA
Figure 12. Aux Mode Connection to SHARC (Master Mode)
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC 1
SLAVE
SHARC
AD1839
SLAVE
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC 2
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC 1
MASTER
AAUXDATA3
DBCLK/AUXBCLK
LRCLK
BCLK
DATA
MCLK
DAC 1
SLAVE
DAUXDATA
Figure 13. Aux Mode Connection to SHARC (Slave Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com