Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEWT-11A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # KEWT-11A-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KEWT-11A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  KEWT-11A-R Datasheet HTML 1Page - M-System Co.,Ltd. KEWT-11A-R Datasheet HTML 2Page - M-System Co.,Ltd. KEWT-11A-R Datasheet HTML 3Page - M-System Co.,Ltd. KEWT-11A-R Datasheet HTML 4Page - M-System Co.,Ltd. KEWT-11A-R Datasheet HTML 5Page - M-System Co.,Ltd. KEWT-11A-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: KEWT
KEWT SPECIFICATIONS
ES-3666 Rev.6 Page 4/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
103 (4.06)
132 (5.20)
• When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
24.5 (.18) dia.
MTG HOLE
25 (.98) deep
11M3.5
SCREW
3
9
4
TERMINAL ASSIGNMENTS unit: mm (inch)
2
1
11
10
3
9
4
CT PROTECTOR
(model: CTM)
5
6
7
8
2
1
KEWT-2
2
Positions of CTM
2
1
KEWT-1, 3
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com