Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEWT-22A-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # KEWT-22A-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KEWT-22A-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  KEWT-22A-R Datasheet HTML 1Page - M-System Co.,Ltd. KEWT-22A-R Datasheet HTML 2Page - M-System Co.,Ltd. KEWT-22A-R Datasheet HTML 3Page - M-System Co.,Ltd. KEWT-22A-R Datasheet HTML 4Page - M-System Co.,Ltd. KEWT-22A-R Datasheet HTML 5Page - M-System Co.,Ltd. KEWT-22A-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: KEWT
KEWT SPECIFICATIONS
ES-3666 Rev.6 Page 6/6
http://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X1
Major specification changes
Input 0%: -65 - 0 % of input 100% (W)
MODEL: KEWT–[1][2][3]-[4][5]
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: KEWT–[1][2][3]-[4][5]
For each of [1] through [5] same code as standard
specification is available.
Be sure to specify /X1 of option [5].
(e.g. KEWT-11A-C/X1/Q)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Input specifications
• Available input range
The value for 0% is within -65 - 0 % of input 100%.
e.g. Input range: -75 to 1000 [W]
-75 [W] ÷ 1000 [W] × 100 = -7.5 [%]
0
-75
-75
+1000 W
-1000
12
0
+1000 W
-1000
0
-10
4
■ OPERATION DIAGRAM (example)
20 mA
OUTPUT
INPUT
+10 V
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com