Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20004 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20004
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20004 Datasheet HTML 9Page - Maxim Integrated Products MAX20004 Datasheet HTML 10Page - Maxim Integrated Products MAX20004 Datasheet HTML 11Page - Maxim Integrated Products MAX20004 Datasheet HTML 12Page - Maxim Integrated Products MAX20004 Datasheet HTML 13Page - Maxim Integrated Products MAX20004 Datasheet HTML 14Page - Maxim Integrated Products MAX20004 Datasheet HTML 15Page - Maxim Integrated Products MAX20004 Datasheet HTML 16Page - Maxim Integrated Products MAX20004 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
To satisfy both LMIN1 and LMIN2, LMIN must be set to the
larger of the two as follows:
(
)
MIN
MIN1 MIN2
L
max L
, L
=
The maximum nominal inductor value recommended is 2
times the chosen value from the above formula:
MAX
MIN
L
2 L
=
×
Select a nominal inductor value based on the following
formula:
MIN
NOM
MAX
LL
L
<<
The best choice of inductor is usually the standard induc-
tor value closest to LNOM.
Input Capacitor
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input due to high speed switching.
Place a 0.1μF capacitor as close as possible to the
SUPSW and PGND pins, followed by a 4.7μF (or larger)
ceramic capacitor. A bulk capacitor with higher ESR
(such as an electrolytic capacitor) is normally required as
well to lower the Q of the front-end circuit and provide the
remaining capacitance needed to minimize input voltage
ripple.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
(
)
OUT
SUP
OUT
RMS
LOAD(MAX)
SUP
V
VV
II
V
×−
=
×
IRMS has a maximum value when the input voltage
equals twice the output voltage:
SUP
OUT
V
2V
= ×
therefore:
(
)
LOAD MAX
RMS
I
I
2
=
Choose an input capacitor that exhibits less than +10°C
self-heating temperature rise at the RMS input current for
optimal long-term reliability.
The input-voltage ripple is composed of ∆VQ (caused by
the capacitor discharge) and ∆VESR (caused by the ESR
of the capacitor). Use low-ESR ceramic capacitors with
high ripple-current capability at the input. Calculate the
input capacitance and ESR required for a specified input
voltage ripple using the following equations:
L
OT
IN
U
ESR
V
ESR
I
I
2
∆
=
∆
+
where:
(
)
SUP
OUT
OUT
L
SUP
SW
VV
V
I
Vf
L
−×
∆
××
=
and:
(
)
OUT
IN
Q
SW
I
D1 D
C
Vf
×−
=
∆×
OUT
SUPSW
V
D
V
=
where:
IOUT is the maximum output current and D is the duty
cycle.
Output Capacitor
The output filter capacitor must have enough capacitance
and sufficiently low ESR to meet output-ripple require-
ments. In addition, the output capacitance must be high
enough to maintain the output voltage within specification
while the control loop responds to load changes.
When using high-capacitance, low-ESR capacitors, the
filter capacitor’s ESR dominates the output-voltage ripple,
so the size of the output capacitor depends largely on the
maximum ESR allowed to meet the output-voltage ripple
specifications as follows:
RIPPLE(P P)
L
ES
V
RI
−
=
×∆
When using low-ESR (e.g. ceramic) output capacitors,
size is usually determined by the capacitance required
to maintain the output voltage within specification during
load transients and can be estimated as follows:
OUT
C
I
C
V2
f
∆
=
∆ × π×
where ∆I is the load change, ∆V is the allowed voltage
droop, and fC is the loop crossover frequency, which can
be assumed to be the lesser of fSW/10 or 100kHz. Any
calculations involving COUT should consider capacitance
tolerance, temperature, and voltage derating.
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com