Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2000 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2000
Description  Silicon NPN triple diffusion planar type(For power switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2000 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2000 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2000 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2000 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD2000
Silicon NPN triple diffusion planar type
For power switching
s Features
q
High-speed switching
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector power dissipation PC
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
80
60
6
8
4
1
35
2
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Base to emitter saturation voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
*
hFE2
VBE(sat)
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = 80V, IE = 0
VEB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 1A
VCE = 4V, IC = 4A
VCE = 4V, IC = 4A
IC = 4A, IB = 0.4A
VCE = 12V, IC = 0.2A, f = 10MHz
IC = 4A, IB1 = 0.4A, IB2 = – 0.4A,
VCC = 50V
min
60
70
20
typ
80
0.3
1.0
0.2
max
100
100
250
2.0
1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SD2000

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD2000 ISC-2SD2000 Datasheet
106Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2000 SAVANTIC-2SD2000 Datasheet
136Kb / 4P
Silicon NPN Power Transistors
2SD2000 SAVANTIC-2SD2000 Datasheet
138Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SD2000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1653 PANASONIC-2SB1653 Datasheet
39Kb / 2P
Silicon PNP triple diffusion planar type(For power switching)
2SC4892 PANASONIC-2SC4892 Datasheet
74Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SC4960 PANASONIC-2SC4960 Datasheet
58Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD2266 PANASONIC-2SD2266 Datasheet
53Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com