Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2SP02 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2SP02
Description  Silicon epitaxial planar type For high frequency switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SP02 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2SP02 Datasheet HTML 1Page - Panasonic Semiconductor MA2SP02 Datasheet HTML 2Page - Panasonic Semiconductor MA2SP02 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: April 2002
SKL00011AED
PIN diodes
MA2SP02
Silicon epitaxial planar type
For high frequency switch
s Features
• Low terminal capacitance: C
t ≤ 0.5 pF
• Low forward dynamic resistance: r
f ≤ 2.0 Ω
• Miniature package and surface mounting type
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
60
V
Forward current (DC)
IF
100
mA
Power dissipation
PD
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 3P
1: Anode
2: Cathode
SSMini2-F1 Package
0.80
+0.05
–0.03
0.60
+0.05
–0.03
0.12
+0.05
–0.02
0
+0
–0.05
0.30
±0.05
0.01
±0.01
1
2
5˚
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 60 V
100
nA
Forward voltage (DC)
VF
IF = 10 mA
1.0
V
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
0.5
pF
Forward dynamic resistance
rf
IF = 10 mA, f = 100 MHz
2.0
Ω
s Electrical Characteristics T
a = 25°C ± 3°C


Similar Part No. - MA2SP02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SP01 PANASONIC-MA2SP01 Datasheet
56Kb / 3P
Silicon epitaxial planar type
More results

Similar Description - MA2SP02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP06435 PANASONIC-XP06435 Datasheet
89Kb / 3P
Silicon PNP epitaxial planar type For high-frequency amplification
MA22D23 PANASONIC-MA22D23 Datasheet
76Kb / 3P
Silicon epitaxial planar type For high frequency rectification
MA3X720 PANASONIC-MA3X720 Datasheet
86Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DA2DF62 PANASONIC-DA2DF62 Datasheet
431Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
Silicon epitaxial planar type For frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X4100L PANASONIC-DB2X4100L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
MA2Q73600L PANASONIC-MA2Q73600L Datasheet
241Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB3J407K PANASONIC-DB3J407K Datasheet
370Kb / 4P
Silicon epitaxial planar type For high frequency retification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com