Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918AQWT Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST25R3918AQWT
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918AQWT Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST25R3918AQWT Datasheet HTML 85Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 86Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 87Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 88Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 89Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 90Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 91Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 92Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
DS13490 Rev 1
89/142
ST25R3918
Application information
141
4.5.30
Mask main interrupt register
Register space: A
Address: 16h
Type: RW
4.5.31
Mask timer and NFC interrupt register
Register space: A
Address: 17h
Type: RW
Table 54. Mask main interrupt register
Bit
Name
Default
Function
Comments
7
M_osc
0
1: Mask IRQ when oscillator frequency is stable
-
6
M_wl
0
1: Mask IRQ due to FIFO water level
-
5
M_rxs
0
1: Mask IRQ due to start of receive
-
4
M_rxe
0
1: Mask IRQ due to end of receive
-
3
M_txe
0
1: Mask IRQ due to end of transmission
-
2
M_col
0
1: Mask IRQ due to bit collision
-
1
M_rx_rest
0
1: Mask IRQ due to automatic reception restart
-
0
RFU
0
Not used
-
Table 55. Mask timer and NFC interrupt register
Bit
Name
Default
Function
Comments
7
M_dct
0
1: Mask IRQ due to termination of direct command
-
6
M_nre
0
1: Mask IRQ due to No-response timer expire
-
5
M_gpe
0
1: Mask IRQ due to general purpose timer expire
-
4
M_eon
0
1: Mask IRQ due to detection of external field higher
than Target activation level
-
3
M_eof
0
1: Mask IRQ due to detection of external field drop
below Target activation level
-
2M_cac
0
1: Mask IRQ due to detection of collision during RF
Collision Avoidance
-
1
M_cat
0
1: Mask IRQ after minimum guard time expire
-
0M_nfct
0
1: Mask IRQ when in target mode the initiator bit
rate has been recognized
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com