Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20029BATIBV Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20029BATIBV
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029BATIBV Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20029BATIBV Datasheet HTML 1Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 2Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 3Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 4Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 5Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 6Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 7Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 8Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PGND_
LX_
SYNC
OUTS_
EP
CONTROL
VOUT1
22µF
1.5µH
5V
VOUT_
MAX20029
2.2µF
1µF
EN_
PG_
VA
GND
STEP-DOWN
PWM OUT_
1.0V TO 4.0V
UP TO 1.5A
SS OSC
4 CHANNELS
PV_
EN
5V
10kΩ
Simplified Block Diagram
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com