Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5365
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5365 Datasheet HTML 9Page - Analog Devices ADL5365 Datasheet HTML 10Page - Analog Devices ADL5365 Datasheet HTML 11Page - Analog Devices ADL5365 Datasheet HTML 12Page - Analog Devices ADL5365 Datasheet HTML 13Page - Analog Devices ADL5365 Datasheet HTML 14Page - Analog Devices ADL5365 Datasheet HTML 15Page - Analog Devices ADL5365 Datasheet HTML 16Page - Analog Devices ADL5365 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADL5369
Rev. A | Page 13 of 23
5
7
9
11
13
15
17
0
1
2
3
4
5
6
7
8
9
10
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
CONVERSION LOSS
NOISE FIGURE
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
Figure 34. Power Conversion Loss and SSB Noise Figure vs. RF Frequency
0
5
10
15
20
25
30
35
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
Figure 35. Input IP3 vs. RF Frequency
0
5
10
15
20
25
30
35
40
–30
–25
–20
–15
–10
–5
05
BLOCKER POWER (dBm)
Figure 36. SSB Noise Figure vs.10 MHz Offset Blocker Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com