Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6750
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6750 Datasheet HTML 1Page - Analog Devices ADRF6750 Datasheet HTML 2Page - Analog Devices ADRF6750 Datasheet HTML 3Page - Analog Devices ADRF6750 Datasheet HTML 4Page - Analog Devices ADRF6750 Datasheet HTML 5Page - Analog Devices ADRF6750 Datasheet HTML 6Page - Analog Devices ADRF6750 Datasheet HTML 7Page - Analog Devices ADRF6750 Datasheet HTML 8Page - Analog Devices ADRF6750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ADRF6750
Rev. A | Page 2 of
40
TABLE OF CONTENTS
Features .............................................................................................. 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Characteristics ................................................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ........................................... 10
 
Theory of Operation ...................................................................... 18
 
Overview...................................................................................... 18
 
PLL Synthesizer and VCO......................................................... 18
 
Quadrature Modulator .............................................................. 20
 
Attenuator.................................................................................... 21
 
Voltage Regulator ....................................................................... 21
 
EXTERNAL vco OPERATION ................................................ 21
 
I2C Interface ................................................................................ 21
 
SPI Interface ................................................................................ 23
 
Program Modes .......................................................................... 25
 
Register Map ................................................................................... 27
 
Register Map Summary ............................................................. 27
 
Register Bit Descriptions........................................................... 28
 
Suggested Power-Up Sequence..................................................... 31
 
Initial Register Write Sequence ................................................ 31
 
Evaluation Board ............................................................................ 32
 
General Description................................................................... 32
 
Hardware Description ............................................................... 32
 
PCB Artwork............................................................................... 35
 
Bill of Materials........................................................................... 38
 
Outline Dimensions ....................................................................... 39
 
Ordering Guide .......................................................................... 39
 
REVISION HISTORY
4/10—Rev. 0 to Rev. A
Changes to Table 5............................................................................ 9
Changes to LOMON Outputs Section......................................... 33
Changes to Ordering Guide .......................................................... 39
1/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com