Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL136HRL Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSL136HRL
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HRL Datasheet(HTML) 1 Page - ON Semiconductor

  FSL136HRL Datasheet HTML 1Page - ON Semiconductor FSL136HRL Datasheet HTML 2Page - ON Semiconductor FSL136HRL Datasheet HTML 3Page - ON Semiconductor FSL136HRL Datasheet HTML 4Page - ON Semiconductor FSL136HRL Datasheet HTML 5Page - ON Semiconductor FSL136HRL Datasheet HTML 6Page - ON Semiconductor FSL136HRL Datasheet HTML 7Page - ON Semiconductor FSL136HRL Datasheet HTML 8Page - ON Semiconductor FSL136HRL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2020 − Rev. 3
1
Publication Order Number:
FSL136HR/D
Green Mode Power Switch
FSL136HR
Description
The FSL136HR integrated Pulse Width Modulator (PWM) and
SENSEFET® is specifically designed for high−performance offline
Switch−Mode Power Supplies (SMPS) with minimal external
components. FSL136HR includes integrated high−voltage power
switching regulators that combine an avalanche−rugged SENSEFET
with a current−mode PWM control block.
The integrated PWM controller includes: Under−Voltage Lockout
(UVLO) protection, Leading−Edge Blanking (LEB), a frequency
generator for EMI attenuation, an optimized gate turn−on/turn−off
driver, Thermal Shutdown (TSD) protection, and
temperature−compensated precision current sources for loop
compensation and fault protection circuitry. The FSL136HR offers
good soft−start performance. When compared to a discrete MOSFET
and controller or RCC switching converter solution, the FSL136HR
reduces total component count, design size, and weight; while
increasing efficiency, productivity, and system reliability. This device
provides a basic platform that is well suited for the design of
cost−effective flyback converters.
Features
• Internal Avalanche−Rugged SENSEFET (650 V)
• Under 50 mW Standby Power Consumption at 265 Vac, No−load
Condition with Burst Mode
• Precision Fixed Operating Frequency with Frequency Modulation
for Attenuating EMI
• Internal Startup Circuit
• Built−in Soft−Start: 20 ms
• Pulse−by−Pulse Current Limit
• Various Protection: Over Voltage Protection (OVP), Overload
Protection (OLP), Output−Short Protection (OSP), Abnormal
Over−Current Protection (AOCP), Internal Thermal Shutdown
Function with Hysteresis (TSD)
• Auto−Restart Mode
• Under−Voltage Lockout (UVLO)
• Low Operating Current: 1.8 mA
• Adjustable Peak Current Limit
Table 1. MAXIMUM OUTPUT POWER (Note 1)
230 Vac + 15% (Note 2)
85−265 Vac
Adapter (Note 3)
Open Frame
Adapter (Note 3)
Open Frame
19 W
26 W
14 W
20 W
1. The junction temperature can limit the maximum output power.
2. 230 Vac or 100/115 Vac with doubler.
3. Typical continuous power in a non−ventilated enclosed adapter
measured at 50°C ambient.
www.onsemi.com
PDIP8 9.42x6.38, 2.54P
CASE 646CM
MARKING DIAGRAM
$Y
= ON Semiconductor Logo
&E
= Designated Space
&Z
= Assembly Plant Code
&2
= 2−Digit Date code format
&K
= 2−Digits Lot Run Traceability Code
FSL136HR = Specific Device Code Data
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
$Y&E&Z&2&K
FSL136HR
Applications
• SMPS for VCR, STB, DVD & DVCD
Players
• SMPS for Home Appliance
• Adapter
Related Resources
• https://www.onsemi.com/pub/Collateral/
AN−4137.pdf.pdf
• https://www.onsemi.com/pub/Collateral/
AN−4141.pdf.pdf
• https://www.onsemi.com/PowerSolutions/
home.do
PDIP8 GW
CASE 709AJ
$Y&E&Z&2&K
FSL136HR


Similar Part No. - FSL136HRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSL136HRL

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6852 SYNC-POWER-SP6852 Datasheet
495Kb / 12P
Green-Mode Power Switch
logo
ON Semiconductor
FSGM0465R ONSEMI-FSGM0465R Datasheet
468Kb / 18P
Green-Mode Power Switch
July, 2019 ??Rev. 2
FSGM0565RB ONSEMI-FSGM0565RB Datasheet
394Kb / 17P
Green-Mode Power Switch
June, 2019 ??Rev. 2
FSL106HR ONSEMI-FSL106HR Datasheet
369Kb / 13P
Green Mode Power Switch
July, 2019 ??Rev. 3
FSL106MR ONSEMI-FSL106MR Datasheet
420Kb / 13P
Green Mode Power Switch
March, 2020 ??Rev. 3
FSL116HR ONSEMI-FSL116HR Datasheet
273Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
FSL116LR ONSEMI-FSL116LR Datasheet
405Kb / 13P
Green Mode Power Switch
April, 2019 ??Rev. 2
FSL126MR ONSEMI-FSL126MR Datasheet
274Kb / 13P
Green-Mode Power Switch
July, 2019 ??Rev. 2
FSDH321 ONSEMI-FSDH321 Datasheet
315Kb / 16P
Green Mode Power Switch
December, 2019 - Rev. 0
logo
Leadtrend Technology
LD7904JGP7 LEADTREND-LD7904JGP7 Datasheet
261Kb / 16P
Green Mode Power Switch
3/21/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com