Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P70LF4QL Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # P70LF4QL
Description  Power MOSFETs 40V, 70A, N-channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P70LF4QL Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  P70LF4QL Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd P70LF4QL Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P70LF4QL
Power MOSFETs
40V, 70A, N-channel
Feature
・N-channel
・Small SMD
・Low Ron
・4.5V Gate Drive
・Low Capacitance
・Halogen free
・Pb free terminal
・RoHS:Yes
OUTLINE
Package (House Name): LF
Package (JEDEC Code): MO-235B similar
Equivalent circuit
Absolute Maximum Ratings (unless otherwise specified : Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage temperature
Tstg
-55 to 175
℃
Channel tempertature
Tch
-55 to 175
℃
Drain-source voltage
V
40
V
Gate-source voltage
V
±20
V
Continuous drain current(DC)
I
70
A
Continuous drain current(Peak)
I
Pulse width 10μs, duty=1/100
210
A
Total power dissipation
P
123
W
Single avalanche current
I
Starting Tch=25℃ Tch≦150℃
26
A
Single avalanche energy
E
Starting Tch=25℃ Tch≦150℃
76
mJ
※︓See the original Specifications
DSS
GSS
D
DP
T
AS
AS
Shindengen Electric Manufacturing Co., Ltd.
1/7
P70LF4QL_Rev.01(2020.09)


Similar Part No. - P70LF4QL

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P70LF4QLK SHINDENGEN-P70LF4QLK Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
More results

Similar Description - P70LF4QL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
40V N-Channel NexFET??Power MOSFETs
logo
Shindengen Electric Mfg...
P22FE4SBK SHINDENGEN-P22FE4SBK Datasheet
1Mb / 7P
Power MOSFETs 40V, 22A, N-channel
P24B4SB SHINDENGEN-P24B4SB Datasheet
1Mb / 7P
Power MOSFETs 40V, 24A, N-channel
P70LF4QLK SHINDENGEN-P70LF4QLK Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
P70LF4QN SHINDENGEN-P70LF4QN Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
P70LF4QNK SHINDENGEN-P70LF4QNK Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
P105LF4QNK SHINDENGEN-P105LF4QNK Datasheet
1Mb / 7P
Power MOSFETs 40V, 105A, N-channel
P70FP12SN SHINDENGEN-P70FP12SN Datasheet
1Mb / 7P
Power MOSFETs 120V, 70A, N-channel
P70FP12SNK SHINDENGEN-P70FP12SNK Datasheet
1Mb / 7P
Power MOSFETs 120V, 70A, N-channel
P175FP4SN SHINDENGEN-P175FP4SN Datasheet
1Mb / 7P
Power MOSFETs 40V, 175A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com