Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P70LF4QLK Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P70LF4QLK
Description  Power MOSFETs 40V, 70A, N-channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P70LF4QLK Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P70LF4QLK Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd P70LF4QLK Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (unless otherwise specified : Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
MIN
TYP
MAX
Drain-Source breakdown
voltage
V
ID=1mA, VGS=0V
40
V
Zero gate voltage drain current
I
VDS=40V, VGS=0V
1
μA
Gate-source leakage current
I
VGS=±20V, VDS=0V
±0.1
μA
Forward transconductance
g
ID=35A, VDS=10V
15
S
Static drain-source on-state
resistance
R
ID=35A, VGS=10V
0.0036 0.0045
Ω
Static drain-source on-state
resistance
R
ID=35A, VGS=4.5V
0.0056 0.007
Ω
Gate threshold voltage
Vth
ID=1mA, VDS=10V
1.5
2
2.5
V
Source-drain diode forward
voltage
V
IS=70A, VGS=0V
1.5
V
Thermal resistance
Rth(j-c)
Junction to case, with heatsink
1.21
℃/W
Total gate charge
Qg
VDD=32V, VGS=10V, ID=70A
49
nC
Gate to source charge
Qgs
VDD=32V, VGS=10V, ID=70A
10
nC
Gate to drain charge
Qgd
VDD=32V, VGS=10V, ID=70A
12
nC
Input capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
2360
pF
Reverce transfer capacitnce
Crss
VDS=25V, VGS=0V, f=1MHz
150
pF
Output capacitance
Coss
VDS=25V, VGS=0V, f=1MHz
290
pF
Turn-on delay time
td(on)
ID=35A, RL=0.55Ω, VDD=20V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
5
ns
Rise time
tr
ID=35A, RL=0.55Ω, VDD=20V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
7.5
ns
Turn-off delay time
td(off)
ID=35A, RL=0.55Ω, VDD=20V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
26
ns
Fall time
tf
ID=35A, RL=0.55Ω, VDD=20V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
6.5
ns
Diode reverse recovery time
trr
IF=70A, VGS=0V, di/dt=100A/μs
35
ns
Diode reverse recovery charge
Qrr
IF=70A, VGS=0V, di/dt=100A/μs
32
nC
※︓See the original Specifications
(BR)DSS
DSS
GSS
fs
DS(ON)
DS(ON)
SD
Shindengen Electric Manufacturing Co., Ltd.
2/7
P70LF4QLK_Rev.03(2020.07)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com