Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P98LF6QL Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P98LF6QL
Description  Power MOSFETs 60V, 98A, N-channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P98LF6QL Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P98LF6QL Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd P98LF6QL Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (unless otherwise specified : Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
MIN
TYP
MAX
Drain-Source breakdown
voltage
V
ID=1mA, VGS=0V
60
V
Zero gate voltage drain current
I
VDS=60V, VGS=0V
1
μA
Gate-source leakage current
I
VGS=±20V, VDS=0V
±0.1
μA
Forward transconductance
g
ID=49A, VDS=10V
30
S
Static drain-source on-state
resistance
R
ID=49A, VGS=10V
0.0025 0.0032
Ω
Static drain-source on-state
resistance
R
ID=49A, VGS=4.5V
0.0032 0.0043
Ω
Gate threshold voltage
Vth
ID=1mA, VDS=10V
1.5
2
2.5
V
Source-drain diode forward
voltage
V
IS=98A, VGS=0V
1.5
V
Thermal resistance
Rth(j-c)
Junction to case, with heatsink
0.69
℃/W
Total gate charge
Qg
VDD=48V, VGS=10V, ID=98A
126
nC
Gate to source charge
Qgs
VDD=48V, VGS=10V, ID=98A
23
nC
Gate to drain charge
Qgd
VDD=48V, VGS=10V, ID=98A
37
nC
Input capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
6770
pF
Reverce transfer capacitnce
Crss
VDS=25V, VGS=0V, f=1MHz
285
pF
Output capacitance
Coss
VDS=25V, VGS=0V, f=1MHz
567
pF
Turn-on delay time
td(on)
ID=49A, RL=0.61Ω, VDD=30V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
6.7
ns
Rise time
tr
ID=49A, RL=0.61Ω, VDD=30V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
19.5
ns
Turn-off delay time
td(off)
ID=49A, RL=0.61Ω, VDD=30V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
150
ns
Fall time
tf
ID=49A, RL=0.61Ω, VDD=30V, Rg=0Ω,
VGS(+)=10V, VGS(-)=0V
44
ns
Diode reverse recovery time
trr
IF=98A, VGS=0V, di/dt=100A/μs
45
ns
Diode reverse recovery charge
Qrr
IF=98A, VGS=0V, di/dt=100A/μs
65
nC
※︓See the original Specifications
(BR)DSS
DSS
GSS
fs
DS(ON)
DS(ON)
SD
Shindengen Electric Manufacturing Co., Ltd.
2/7
P98LF6QL_Rev.02(2020.07)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com