Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTCNE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTCNE
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCNE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTCNE Datasheet HTML 1Page - M-System Co.,Ltd. LTCNE Datasheet HTML 2Page - M-System Co.,Ltd. LTCNE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LTCNE
LTCNE SPECIFICATIONS
ES-3352 Rev.8 Page 1/3
http://www.m-system.co.jp/
Power Transducer Series LT-UNIT
AC CURRENT TRANSDUCER
(self-powered, RMS sensing)
Functions & Features
• Converts alternating current from a current transformer
into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
• Conforms to IEC 60688
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
39
(1.54)
143 (5.63)
111
(4.37)
mm (inch)
MODEL: LTCNE–[1][2][3]
ORDERING INFORMATION
• Code number: LTCNE–[1][2][3]
Specify a code from below for each of [1] through [3].
(e.g. LTCNE-1G/T/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
1: 0 – 1 A AC (used within 0.1 – 1 A)
2: 0 – 2A AC (used within 0.2 – 2 A)
5: 0 – 5 A AC (used within 0.5 – 5 A)
[2] OUTPUT
Current
G: 0 – 1 mA DC (Load resistance 5000 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 2000 Ω min.)
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
[3] OPTIONS (multiple selections)
Terminal Cover
blank: Without
/T: With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 10 – 120 % at 0 – 5 V
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Operational range: 10 – 120 % of rating
Overload capacity: 4000 % of rating for 1 sec., 2000 % for 4
sec., 120 % continuous
Input burden: 2 VA
CURRENT [%]
5
2000
4000
10
0
• Overload Capacity


Similar Part No. - LTCNE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTCN5M OSRAM-LTCN5M Datasheet
1Mb / 21P
SMD ceramic package with silicone resin with lens
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
Camera Flash and Video Light
More results

Similar Description - LTCNE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com