Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTCEC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTCEC
Description  Power Transducer Series LT-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCEC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTCEC Datasheet HTML 1Page - M-System Co.,Ltd. LTCEC Datasheet HTML 2Page - M-System Co.,Ltd. LTCEC Datasheet HTML 3Page - M-System Co.,Ltd. LTCEC Datasheet HTML 4Page - M-System Co.,Ltd. LTCEC Datasheet HTML 5Page - M-System Co.,Ltd. LTCEC Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: LTCEC
LTCEC SPECIFICATIONS
ES-3373 Rev.9 Page 1/6
http://www.m-system.co.jp/
Power Transducer Series LT-UNIT
AC CURRENT TRANSDUCER
(clamp-on current sensor; RMS sensing)
Functions & Features
• Converts an alternating current into a standard
process signal
• Easy-to-install clamp-on type current sensor
without needing a current transformer
• Clamp-on current sensor included
• Wide input range from 10 A up to 600 A
• Input frequency 50 / 60 / 400 Hz
• Over-voltage clamp element for safety in open
circuit
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors at
a supervisory panel
• Monitoring abnormal load current at motors to
detect pump malfunctions
143 (5.63)
111
(4.37)
72
(2.83)
mm (inch)
MODEL: LTCEC–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: LTCEC–[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. LTCEC-150A-B/T/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] SENSOR
1: Leadwire type CLSA
2: Screw terminal type CLSB
[2] INPUT
10: 0 – 10 A AC
15: 0 – 15 A AC
20: 0 – 20 A AC
30: 0 – 30 A AC
40: 0 – 40 A AC
50: 0 – 50 A AC
60: 0 – 60 A AC
75: 0 – 75 A AC
100: 0 – 100 A AC
125: 0 – 125 A AC
150: 0 – 150 A AC
175: 0 – 175 A AC
200: 0 – 200 A AC
225: 0 – 225 A AC
250: 0 – 250 A AC
300: 0 – 300 A AC
350: 0 – 350 A AC
400: 0 – 400 A AC
500: 0 – 500 A AC
600: 0 – 600 A AC (Not selectable with the sensor type
code 1 'Leadwire type CLSA')
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
D: 0 – 20 mA DC(Load resistance 500 Ω max.)
F: 0 – 10 mA DC (Load resistance 1000 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC


Similar Part No. - LTCEC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTCE MSYSTEM-LTCE Datasheet
98Kb / 3P
Power Transducer Series LT-UNIT
LTCE-11-K3 MSYSTEM-LTCE-11-K3 Datasheet
98Kb / 3P
Power Transducer Series LT-UNIT
LTCE-11-K3/Q MSYSTEM-LTCE-11-K3/Q Datasheet
98Kb / 3P
Power Transducer Series LT-UNIT
LTCE-11-K3/T MSYSTEM-LTCE-11-K3/T Datasheet
98Kb / 3P
Power Transducer Series LT-UNIT
LTCE-11-L3 MSYSTEM-LTCE-11-L3 Datasheet
98Kb / 3P
Power Transducer Series LT-UNIT
More results

Similar Description - LTCEC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com