Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPNE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LPNE
Description  Power Transducer Series L-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LPNE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LPNE Datasheet HTML 1Page - M-System Co.,Ltd. LPNE Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: LPNE
http://www.m-system.co.jp/
LPNE SPECIFICATIONS
ES-1949 Rev.2 Page 1/2
Power Transducer Series L-UNIT
PT TRANSDUCER
(self-powered, RMS sensing)
Functions & Features
• Converting an alternating voltage from a potential
(voltage) transformer into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power line and
power supply voltages measured at switch boards
• Monitoring abnormal voltage drops for detecting overload
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LPNE–[1][2][3]
ORDERING INFORMATION
• Code number: LPNE–[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. LPNE-55/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
5: 0 – 150 V AC (used within 90 – 150 V)
6: 0 – 300 V AC (used within 180 – 300 V)
[2] OUTPUT
Current
G: 0 – 1 mA DC (Load resistance 5000 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 2000 Ω min.)
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 60 – 120 % at 0 – 5 V
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 2 VA
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
Operational range: 60 – 120 % of rating
OUTPUT SPECIFICATIONS
■ OPERATION DIAGRAM
50
100
IN %
0
50
OUT %
100
(60)
0
Note: The described accuracy is not assured within 0 – 60%
of the rating, though output signal exists.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)


Similar Part No. - LPNE

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPN-RK EATON-LPN-RK Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
logo
List of Unclassifed Man...
LPN-RK-1/10SP ETC1-LPN-RK-1/10SP Datasheet
704Kb / 4P
dual element, time-delay fuses
LPN-RK-1/2SP ETC1-LPN-RK-1/2SP Datasheet
704Kb / 4P
dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPN-RK-100SP COOPER-LPN-RK-100SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Eaton All Rights Reserv...
LPN-RK-100SP EATON-LPN-RK-100SP Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
More results

Similar Description - LPNE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LPAN MSYSTEM-LPAN Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com