Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPFUN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LPFUN
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LPFUN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LPFUN Datasheet HTML 1Page - M-System Co.,Ltd. LPFUN Datasheet HTML 2Page - M-System Co.,Ltd. LPFUN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LPFUN
http://www.m-system.co.jp/
LPFUN SPECIFICATIONS
ES-1996 Rev.3 Page 2/3
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
A device which employs different measuring methods may
show different outputs from that of M-System's.
Frequency: 50 or 60 Hz
•Voltage Input
Input burden: 2.5 VA
Operational range: 85 – 110 % of rating
Overload capacity: 150 % of rating for 10 sec., 110 %
continuous
•Current Input
Input burden:
0.1 VA (input 1 A)
0.5 VA (input 5 A)
Operational range: 10 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
■ Input range:
Lag 0.5 – 1 – lead 0.5
Lead 0.5 – 1 – lag 0.5
OUTPUT SPECIFICATIONS
■ DC Current: -10 – + 20 mA DC
Span: Min. 1 mA, max. 20 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 12 V maximum; 10 V for [±]
output
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
12
OUT
20mA
1
0.5
(Lead)
0.5
(Lag)
0
OUT
+10V
4
12
OUT
20mA
0
OUT
+10V
4
-10V
-10V
1
0.5
(Lead)
0.5
(Lag)
1
0.5
(Lead)
0.5
(Lag)
1
0.5
(Lead)
0.5
(Lag)
s OPERATION DIAGRAM (example)
• Negative in lag, positive in lead
• Negative in lead, positive in lag
Remark: When there is 5% or less of
the rated input current, the transducer output equals approximately to
'1'.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±2 % with input 1 – 0.866
±4 % with input 0.866 – 0.5
(at 23°C ±10°C or 73.4°F ±18°F, at rated frequency ±5 %)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to output to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com